PART |
Description |
Maker |
5KP170 5KP170A |
170.00V; 5mA ;5000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications
|
MDE Semiconductor
|
P4KE350 |
284.00V; 1mA ;400W peak pulse power; glass passivated junction transient voltage suppressor (TVS) diode. For bipolar applications
|
MDE Semiconductor
|
SC1460-5 |
5mA Capless Charge Pump(5mA Capless 电荷泵(5V输出
|
Semtech Corporation
|
BY329-1500 BY329-1500S |
Damper diode fast/ high-voltage Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:5mA; Current, It av:6A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BD139-25 BD135-25 BD137-25 |
Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:5mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1.5A I(C) | TO-126 Diac Thyristor; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:Axial Leaded; Peak Surge Current:2A; Breakover Voltage Min:30V RoHS Compliant: Yes 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1.5AI(丙)|126
|
HIROSE ELECTRIC Co., Ltd.
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 |
Dual, 256 Position, Digital Potentiometer 2-Channel/ 256-Position Digital Potentiometer CONNECTOR ASSEMBLIES RoHS Compliant: Yes 2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器
|
AD[Analog Devices] Analog Devices, Inc.
|
MU9C4320L MU9C4320L-70TDC MU9C4320L-70TDI MU9C4320 |
90ns 3.3V 256 x 64bit ATMCAM 70ns 3.3V 256 x 64bit ATMCAM 120ns 3.3V 256 x 64bit ATMCAM 4K x 32 Content Addressable Memory (CAM) with a 32-bit wide data interface
|
MUSIC Semiconductors ETC N.A.
|
MT8980 |
256 x 256 Channels (8 TDM Streams at 2.048 Mbps) Non-blocking Digital Switch (DX)
|
Zarlink Semiconductor
|
IRFW740S |
400V N-Channel Power MOSFET(婕???靛?涓?00V??娌??澧?己?????OS?烘?搴??)
|
FAIRCHILD SEMICONDUCTOR CORP
|
|